PART |
Description |
Maker |
BCM532504 BCM5325 BCM5325FKQMG |
5-Port 10/100 Switch From old datasheet system FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER Unmanaged Integrated 10/100BASE-T/TX 5/6-Port Switch
|
BOARDCOM[Broadcom Corporation.] http://
|
BCM56101 BCM5848U |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT 24端口快速以太网端口千兆以太网多层交换机,可以用一10-GIGABIT以太 HIGIG港口
|
Broadcom Corp. Broadcom, Corp.
|
IDT70T35L25BFI IDT70T24L25PFI IDT70T24L20PFI IDT70 |
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM JFET-Input Operational Amplifier 8-PDIP 0 to 70 8K X 18 DUAL-PORT SRAM, 25 ns, PBGA100
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MVTX2603 224 |
Unmanaged 24-Port 10/100M 2-Port 1G Ethernet Switch From old datasheet system
|
Zarlink
|
MAX6957 MAX6957AAI MAX6957AAX MAX6957AGL MAX6957AN |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port LED Display Driver and I/O Expander
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
ZL50407GDC |
Lightly managed/unmanaged 8-port 10/100M 1-port 10/100/1000M ethernet switch.
|
Zarlink Semiconductor
|
DS26101 |
8-Port TDM-to-ATM PHY From old datasheet system 8-Port Transmission Convergence Device
|
Maxim Integrated Products
|
EKI-5525SI-ST |
4-port 1x100FX port (Single/Multi-mode,SC/ST type), Fast Ethernet ProView Switch
|
Advantech Co., Ltd.
|
PDI1394P23 |
2-port/1-port 400 Mbps physical layer interface
|
Philips
|